Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS29F010-90CSFME Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS29F010-90CSFME
Description  131072 BY 8-BIT FLASH MEMORY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-90CSFME Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS29F010-90CSFME Datasheet HTML 10Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 11Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 12Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 13Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 14Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 15Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 16Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 17Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and ambient temperature,
read-only operation† (see Figure 2, Figure 11, Figure 13, Figure 15, and Figure 17)
PARAMETER
ALTERNATE
’29F010-70
’29F010-90
’29F010-10
’29F010-12
UNIT
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAVQV
Access time, address
ta(A)
70
90
100
120
ns
tELQV
Access time, E
ta(E)
70
90
100
120
ns
tGLQV
Access time, G
ta(G)
30
35
45
50
ns
tAVAV
Cycle time, read
tc(R)
70
90
100
120
ns
tEHQZ
Disable time, E to high impedance
tdis(E)
20
20
20
30
ns
tGHQZ
Disable time, G to high
impedance
tdis(G)
20
20
20
30
ns
tAXQX
Hold time, output from address, E
or G change
th(D)
0
0
0
0
ns
tWHGL1
Hold time, G read
0
0
0
0
ns
tWHGL2
Hold time, G toggle and data
polling
10
10
10
10
ns
† See Figure 1 for AC test output load circuit and voltage waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com