Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-EOZ9 Datasheet(PDF) 6 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-EOZ9
Description  DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-EOZ9 Datasheet(HTML) 6 Page - Abracon Corporation

Back Button AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 9Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AB-RTCMC-32.768kHz-EOZ9-S3
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
Pb RoHS/RoHS II compliant
(Continued)
Parameters
Min.
Typ.
Max.
Units
Conditions
Stop Condition Set-up Time
(tSU; STO)
50
ns
VDD ≥ 1.4V
30
VDD ≥ 1.8V
20
VDD ≥ 3.0V
Bus Free Time between STOP and
START Condition (tBUF)
1.0
µs
VDD ≥ 1.4V
0.5
VDD ≥ 1.8V
0.4
VDD ≥ 3.0V
SCL “LOW time” (tLOW)
4.5
µs
VDD ≥ 1.4V
1.7
VDD ≥ 1.8V
1.3
VDD ≥ 3.0V
SCL “High time” (tHIGH)
0.6
µs
VDD ≥ 1.4V
0.5
VDD ≥ 1.8V
0.4
VDD ≥ 3.0V
SCL and SDA Rise Time (tr)
1.0
µs
VDD ≥ 1.4V
0.3
VDD ≥ 1.8V
0.2
VDD ≥ 3.0V
SCL and SDA Fall Time(tf)
0.4
µs
VDD ≥ 1.4V
0.3
VDD ≥ 1.8V
0.2
VDD ≥ 3.0V
Tolerance Spike Time on Bus
(tSP)
50
ns
SCL and SDA I/O Capacitance
(CI/O)
10
pF
Capacitive Load Bus Lines
(CB)
200
pF
I2C Interface Timing Characteristics
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com