Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-EOZ9 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-EOZ9
Description  DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-EOZ9 Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AB-RTCMC-32.768kHz-EOZ9-S3
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
Moisture Sensitivity Level: MSL=1
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
• RTC module with built-in “Tuning Fork” crystal oscillating at 32.768 kHz
• Factory calibrated, all built-in Temperature Compensation circuitry Time accuracy
Option A & B. See Part Identification on page 7 for details
• Ultra low power consumption: 800nA typ @ VDD = 3.0V / Tamb = 25°C
• Wide clock operating voltage: 1.3 – 5.5V
• Wide interface operating voltage: 1.4 – 5.5V
• Extended operating temperature range: -40°C to +125°C
• I2C serial interface with fast mode SCL clock frequency of 400kHz
• Provides year, month, day, weekday, hours, minutes and seconds
• Highly versatile alarm and timer functions
• Integrated Low-Voltage Detector, Power-On Reset and Self-Recovery System
• Main Power Supply to Backup Battery switchover circuitry with Trickle Charger
• Programmable CLKOUT pins for peripheral devices (32.768 kHz / 1024 Hz / 32 Hz / 1 Hz)
• Small and compact package size: 3.7 x 2.5 x 0.9 mm. RoHS-compliant and 100% leadfree
Pb RoHS/RoHS II compliant
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Credit Cards with Security Technology
Absolute Maximum Ratings
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Voltage (VDD)
GND-0.3
+6.0
V
>GND / <VDD
Supply Current (IDD; ISS)
-50
+50
mA
VDD Pin
Input Voltage (VI)
GND-0.3
VDD +0.3
V
Input Pin
Output Voltage (VO)
GND-0.5
VDD +0.5
V
CLKOUT
/
INT
DC Input Current (II)
-10
+10
mA
DC Output Current (IO)
-10
+10
mA
Total Power Dissipation (PTOT)
300
mW
Operating Temperature Range (TOPR)
-40
+125
ºC
Storage Temperature (TSTO)
-55
+125
ºC
Stored as bare product
Frequency and Time Characteristics
VDD=3.0V; VSS=0V; TAMB=+25°C; fOSC=32.768kHz
Parameters
Min.
Typ.
Max.
Units
Notes
32.768kHz Oscillator Characteristics
Frequency Accuracy (∆F/F)
±10
±20
ppm
FCLKOUT=32.768kHz;
TAMB=+25°C; VDD=3.0V
Frequency vs Voltage (∆F/V)
±0.5
±1.0
ppm/V
TAMB=+25°C;
VDD=1.4~5.5V
Frequency vs Temperature (∆F/TOPR)
-0.035ppm/°C2 (TOPR-TO)2 ±10%
ppm
TOPR=-40~+125°C;
VDD=3.0V
Turnover Temperature (TO)
+20
+25
+30
°C
m
p
p
3
+
3
-
)r
a
e
y
ts
ri
f(
g
n
i
g
A
TAMB=+25°C
Start-up Time Voltage(VSTART)
Start-up Time (TSTART)
0.5
3
s
TAMB=-40 ~ +85°C
1
3
TAMB=-40 ~ +125°C
CLKOUT duty cycle
40
50
60
%
FCLKOUT=32.768kHz;
TAMB=+25°C
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018


Similar Part No. - AB-RTCMC-32.768KHZ-EOZ9

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-EOA9 ABRACON-AB-RTCMC-32.768KHZ-EOA9 Datasheet
2Mb / 9P
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
11.28.2018
More results

Similar Description - AB-RTCMC-32.768KHZ-EOZ9

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029 MICROCRYSTAL-RV-3029 Datasheet
1Mb / 67P
DTCXO Temperature Compensated Real Time Clock
RV-3049 MICROCRYSTAL-RV-3049 Datasheet
1Mb / 65P
DTCXO Temperature Compensated Real Time Clock
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
AB-RTCMC-32.7KHZ-EOA9-S3 ABRACON-AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet
2Mb / 9P
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
02.05.13
AB-RTCMC-32.7KHZ-EOZ9-S3 ABRACON-AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet
3Mb / 10P
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-EOA9 ABRACON-AB-RTCMC-32.768KHZ-EOA9 Datasheet
2Mb / 9P
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
11.28.2018
logo
Epson Company
RX8804CE EPSON-RX8804CE Datasheet
900Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus) Built-in 32.768 kHz-DTCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com