Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS3201DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3201DBVT Datasheet HTML 2Page - Texas Instruments THS3201DBVT Datasheet HTML 3Page - Texas Instruments THS3201DBVT Datasheet HTML 4Page - Texas Instruments THS3201DBVT Datasheet HTML 5Page - Texas Instruments THS3201DBVT Datasheet HTML 6Page - Texas Instruments THS3201DBVT Datasheet HTML 7Page - Texas Instruments THS3201DBVT Datasheet HTML 8Page - Texas Instruments THS3201DBVT Datasheet HTML 9Page - Texas Instruments THS3201DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS continued
VS = ±5 V: Rf = 715 Ω, RL = 100 Ω, and G = +2 unless otherwise noted
THS3201
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C
to 85
°C
UNITS
MIN/TYP/
MAX
INPUT
Common-mode input range
±2.6
±2.5
±2.5
±2.5
V
Min
Common-mode rejection ratio
VCM = ±2.5 V
71
60
58
58
dB
Min
Inverting input impedance, Zin
Open loop
17.5
Ω
Typ
Input resistance
Noninverting
780
k
Ω
Typ
Input resistance
Inverting
11
Ω
Typ
Input capacitance
Noninverting
1
pF
Typ
OUTPUT
Voltage output swing
RL = 1 kΩ
±3.65
±3.5
±3.45
±3.4
V
Min
Voltage output swing
RL = 100 Ω
±3.45
±3.33
±3.25
±3.2
V
Min
Current output, sourcing
RL = 20 Ω
115
105
100
100
mA
Min
Current output, sinking
RL = 20 Ω
100
85
80
80
mA
Min
Closed-loop output impedance
G = +1, f = 1 MHz
0.01
Ω
Typ
POWER SUPPLY
Minimum operating voltage
Absolute minimum
±3.3
±3.3
±3.3
V
Min
Maximum operating voltage
Absolute maximum
±8.25
±8.25
±8.25
V
Max
Maximum quiescent current
14
16.8
19
20
mA
Max
Power supply rejection (+PSRR)
VS+ = 4.5 V to 5.5 V
69
63
60
60
dB
Min
Power supply rejection (−PSRR)
VS− = −4.5 V to –5.5 V
65
58
55
55
dB
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com