Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS3201DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3201DBVT Datasheet HTML 7Page - Texas Instruments THS3201DBVT Datasheet HTML 8Page - Texas Instruments THS3201DBVT Datasheet HTML 9Page - Texas Instruments THS3201DBVT Datasheet HTML 10Page - Texas Instruments THS3201DBVT Datasheet HTML 11Page - Texas Instruments THS3201DBVT Datasheet HTML 12Page - Texas Instruments THS3201DBVT Datasheet HTML 13Page - Texas Instruments THS3201DBVT Datasheet HTML 14Page - Texas Instruments THS3201DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
11
Figure 27
−7
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
7
10
100
1000
RL − Load Resistance − Ω
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VS = ±7.5 V
TA = −40 to 85°C
Figure 28
0
10
20
30
40
50
60
70
80
100 k
1 M
10 M
100 M
CMRR
PSRR+
VS = ±7.5 V
REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
Figure 29
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
t − Time −
µs
NONINVERTING SMALL-SIGNAL
TRANSIENT RESPONSE
Output
Input
Gain = 2
RL = 100 Ω
RF = 715 Ω
VS = ±7.5 V
Figure 30
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
t − Time −
µs
INVERTING LARGE-SIGNAL
TRANSIENT RESPONSE
Output
Input
Gain = −5
RL = 100 Ω
RF = 549 Ω
VS = ±7.5 V
Figure 31
−10
−8
−6
−4
−2
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
−5
−4
−3
−2
−1
0
1
2
3
4
5
t − Time −
µs
OVERDRIVE RECOVERY TIME
G = 2,
RF = 768 Ω,
VS = ±7.5 V
Figure 32
0
0.005
0.010
0.015
0.020
0.025
0.030
01234
5678
Number of Loads − 150
Ω
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
RF = 768 Ω
VS = ±7.5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
Figure 33
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0
123
45
678
Number of Loads − 150
Ω
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
RF = 768 kΩ
VS = ±7.5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
Figure 34
0.001
0.01
0.1
1
10
100
1000
100 k
1 M
10 M
1 M
1 G
f − Frequency − Hz
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
Gain = 2
RF = 715 Ω
RL = 100 Ω
VS = ±7.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com