Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD3728DZ Datasheet(PDF) 8 Page - NEC

Part # UPD3728DZ
Description  7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728DZ Datasheet(HTML) 8 Page - NEC

Back Button UPD3728DZ Datasheet HTML 4Page - NEC UPD3728DZ Datasheet HTML 5Page - NEC UPD3728DZ Datasheet HTML 6Page - NEC UPD3728DZ Datasheet HTML 7Page - NEC UPD3728DZ Datasheet HTML 8Page - NEC UPD3728DZ Datasheet HTML 9Page - NEC UPD3728DZ Datasheet HTML 10Page - NEC UPD3728DZ Datasheet HTML 11Page - NEC UPD3728DZ Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet S15417EJ2V0DS
8
µµµµPD3728DZ
TIMING CHART 2 (Bit clamp mode, for each color)
Symbol
Min.
Typ.
Max.
Unit
t1, t2
0
50
ns
t1’, t2’
05
ns
t3
17
50
ns
t4
5
200
ns
t5, t6
0
20
ns
t7
17
150
ns
t8, t9
0
20
ns
t10
−10
Note 1
+50
ns
t11
−5
Note 2
+50
ns
tcp
5
150
ns
Notes 1. Min. of t10 shows that the
φ RB and φ CLB overlap each other.
2. Min. of t11 shows that the
φ 1L and φ CLB overlap each other.
RB
CLB
90%
90%
t10
φ
φ
1L
CLB
90%
90%
t11
φ
φ
90%
t10
t1'
t5
t6
t4
t3
t2'
td
VOS
RFTN
10%
t11
t9
t8
tcp
t7
t1
t2
90%
10%
90%
10%
10%
90%
10%
90%
10%
VOUT1 to VOUT6
RB
φ
CLB
φ
10)
φ
1 (
φ
1L
φ
20)
φ
2 (
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com