Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAC2596TADR Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC2596TADR
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2596TADR Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC2596TADR Datasheet HTML 1Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 2Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 3Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 4Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 5Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 6Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 7Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 8Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings
Note1: Stresses greater than t hose listed under Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in t he operation is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
ti
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
V
5
4
o
t
3
.
0
-
n
i
V
e
g
a
t
l
o
V
y
l
p
p
u
S
V
3
.
0
+
n
i
V
o
t
3
.
0
-
e
g
a
t
l
o
v
n
i
p
B
F
V
k
c
a
b
d
e
e
F
V
3
.
0
+
n
i
V
o
t
3
.
0
-
e
g
a
t
l
o
v
n
i
P
F
F
O
/
N
O
V
3
.
0
+
n
i
V
o
t
3
.
0
-
e
g
a
t
l
o
v
n
i
p
t
u
p
t
u
O
Output Voltage to Ground (Steady State)
-1
V
W
d
e
t
i
m
il
y
ll
a
n
r
e
t
n
I
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
Operating Temperature Range
-40 to +125
ºC
Storage Temperatur
0
5
1
+
o
t
5
6
-
e
ºC
Lead Temperature (Sol dering, 10 sec)
200
ºC
V
0
0
0
2
)
M
H
(
D
S
E
Thermal Resistance-Junction to Ambient(RθJA)
85
ºC / W
Thermal Resistance-Junction to Case(RθJC)
45
ºC / W
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, Vin = 12V for 3.3V, 5V, adjustable version. Iload = 0.5A, Ta = 25
℃
.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Ib
Feedback bias current
Adjustable only, VFB=1.3V
10
50/
100
nA
IQ
Quiescent current
VFB =12V force driver off
5
10
mA
ISTBY
Standby quiescent current
ON/OFF=5V, VIN=36V
80
200/
250 uA
FOSC
z
H
K
3
7
1
0
5
1
7
2
1
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
VSAT
Saturation voltage
IOUT =3A
1.2
1.4/
1.5
V
ICL
Current Limit
Peak Current (VFB =0V)
4.5
5.5/
6.5
A
Output leakage current
Output=0V (VFB=12V)
50
uA
IL
IL
Output leakage current
Output=-1V (VIN =36V)
2
30
mA
VIL
ON/OFF pin logic input Low (Regulator ON)
1.3
0.6
V
FAC2596
2008. 02. 18
4/16
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com