Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAC2596TADR Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FAC2596TADR
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2596TADR Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FAC2596TADR Datasheet HTML 5Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 6Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 7Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 8Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 9Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 10Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 11Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 12Page - First Silicon Co., Ltd FAC2596TADR Datasheet HTML 13Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Application Circuit (5V Fixed Output Voltage Version)
Output Capacitor (Cout)
Input Voltage
Inductor (L1)
Through Hole Electrolytic
Surface Mount Tantalum
8V ~ 18V
33uh
330uf/25V
220uf/10V
8V ~ 45V
47uh
470uf/25V
330uf/10V
Figure 12. Typical Application of FAC2596 For 5V
Table 2. FAC2596 Series Buck Regulator Design Procedure For 5V
FAC2596
2008. 02. 18
9/16
Revision No : 1
FAC2596-5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com