Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C16M32SC-7TIN Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS4C16M32SC-7TIN
Description  This chapter gives an overview of the 512-Mbit Synchronous DRAM component product and describes its main characteristics.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M32SC-7TIN Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS4C16M32SC-7TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
3.5
Commands
Refresh Mode
SDRAM has two refresh modes, Auto Refresh and Self Refresh. Auto Refresh is similar to the CAS -before-RAS
refresh of conventional DRAMs. All banks must be precharged before applying any refresh mode. An on-chip
address counter increments the word and the bank addresses and no bank information is required for both
refresh modes.
The chip enters the Auto Refresh mode, when RAS and CAS are held low and CKE and WE are held high at a
clock timing. The mode restores word line after the refresh and no external precharge command is necessary. A
minimum tRC time is required between two automatic refreshes in a burst refresh mode. The same rule applies to
any access command after the automatic refresh operation.
The chip has an on-chip timer and the Self Refresh mode is available. The mode restores the word lines after,
RAS CAS
and CKE are low and WE is high at a clock timing. All of external control signals including the clock
are disabled. Returning CKE to high enables the clock and initiates the refresh exit operation. After the exit
command, at least one tRC delay is required prior to any access command.
Auto Precharge
Two methods are available to precharge SDRAMs. In an automatic precharge mode, the CAS timing accepts one
extra address, CA10, to determine whether the chip restores or not after the operation. If CA10 is high when a
Read Command is issued, the Read with Auto-Precharge function is initiated. If CA10 is high when a Write
Command is issued, the Write with Auto-Precharge function is initiated. The SDRAM automatically enters the
precharge operation a time delay equal to tWR (“write recovery time”) after the last data in. A burst operation with
Auto-Precharge may only be interrupted by a burst start to another bank. It must not be interrupted by a
precharge or a burst stop command.
Precharge Command
There is also a separate precharge command available. When RAS and WE are low and CAS is high at a clock
timing, it triggers the precharge operation. Three address bits, BA0, BA1 and A10 are used to define banks as
shown in the following list. The precharge command can be imposed one clock before the last data out for CAS
latency = 2 and two clocks before the last data out for CAS latency = 3. Writes require a time delay tWR (“write
recovery time”) of 2 clocks minimum from the last data out to apply the precharge command.
T
able 7
Bank Selection by Address Bits
A10
BA0
BA1
0
0
0
Bank 0
0
0
1
Bank 1
0
1
0
Bank 2
0
1
1
Bank 3
1
X
X
All Banks
Burst Termination
Once a burst read or write operation has been initiated, there are several methods in which to terminate the burst
operation prematurely. These methods include using another Read or Write Command to interrupt an existing
burst operation, use a Precharge Command to interrupt a burst cycle and close the active bank, or using the
Burst Stop Command to terminate the existing burst operation but leave the bank open for future Read or Write
Commands to the same page of the active bank. When interrupting a burst with another Read or Write Command
care must be taken to avoid DQ contention. The Burst Stop Command, however, has the fewest restrictions
making it the easiest method to use when terminating a burst operation before it has been completed. If a Burst
Stop command is issued during a burst write operation, then any residual data from the burst write cycle will be
ignored. Data that is presented on the DQ pins before the Burst Stop Command is registered will be written to the
memory.
AS4C16M32SC-7TIN
AS4C32M16SC-7TIN
AS4C64M8SC-7TIN
Confidential
- 13 of 24 -
Rev.1.0 Sep. 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com