Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C16M32SC-7TIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C16M32SC-7TIN
Description  This chapter gives an overview of the 512-Mbit Synchronous DRAM component product and describes its main characteristics.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M32SC-7TIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C16M32SC-7TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M32SC-7TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1 Overview
This chapter gives an overview of the 512-Mbit Synchronous DRAM component product and describes its main
characteristics.
1.1
Features
Speed Code
-7
Unit
System Frequency (fCK)
133
MHz
Max. Clock Frequency
@CL3
tCK3
7.5
ns
tAC3
5.4
ns
@CL2
tCK2
10
ns
tAC2
6
ns
@CL1
tCK1
20
ns
tAC1
17
ns
AS4C16M32SC-7TIN
AS4C32M16SC-7TIN
AS4C64M8SC-7TIN
Confidential
- 2 of 24 -
Rev.1.0 Sep. 2018
Table1.KeySpecifications
Table2.OrderingInformation
Part Number
Frequency
Package
Temperature
Temp Range
AS4C16M32SC-7TIN
133MHz
86PinTSOPII
AS4C32M16SC-7TIN
133MHz
54PinTSOPII
Industrial
-40°Cto85°C
AS4C64M8SC-7TIN
133MHz
54PinTSOPII
Industrial
-40°Cto85°C
Industrial
-40°Cto85°C
•
• Fast clock rate: 133 MHz
•
•
•
• Programmable Mode registers
- CAS Latency: 1 or 2 or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
• Auto Refresh and Self Refresh
• 8192 refresh cycles/64ms(7.8 µs) T≦85°C
•
Power down mode
•
Single +3.3V±0.3V power supply
• Operating Temperature Range:
- Industrial: TA = -40~85°C
• Interface: LVTTL
•
- Pb free and Halogen free
Fully Synchronous to Positive Clock Edge
Four Banks controlled by BA0 & BA1
Multiple Burst Read with Single Write Operation
Automatic and Controlled Precharge Command
Data Mask for Read / Write control (x8, x16, x32)
Data Mask for Byte Control (x16,x32)
Random Column Address every CLK (1-N Rule)
Available in 86/54 Pin 400 mil plastic TSOP II package,TSOPII–54 (x8, x16) TSOPII–86 (x32)
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com