Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST33TPHF20I2C Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 13Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 14Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 15Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 16Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 17Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 18Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 19Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 20Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 17 of 47
NON-PROPRIETARY DOCUMENT
1.7.1
Security module configuration
1.7.1.1
AAF0 / AHB3 / AHB7
These security module configurations implement both TPM1.2 and TPM2.0 specifications and
are set to operate by default in TPM1.2 mode. To set and irreversibility lock the security module
in the TPM2.0 mode, TPM operator shall:
Execute the TPM_SetMode proprietary command with the following parameters:
o
mode = 0x01 (TPMLib SET to switch to TPM2.0)
o
modeLock = 0x01 (TPMLibLock SET to lock the selected mode)
Reset the TPM
1.7.1.2
AAF1 / AHB4 / AHB8
These security module configurations implement both TPM1.2 and TPM2.0 specifications and
are set to operate by default in TPM2.0 mode. To irreversibility lock the security module in the
TPM2.0 mode, TPM operator shall:
Execute the TPM2_SetMode proprietary command with the following parameters:
o
mode = 0x01 (TPMLib SET to maintain the module in TPM2.0 mode)
o
modeLock = 0x01 (TPMLibLock SET to lock the selected mode)
Reset the TPM
1.7.1.3
AAF3 / AHB9
No action requested for these security modules configurations.
1.7.2
Approved modes of operation
TPM supports 2 sequential approved modes of operation.
1.7.2.1
Approved mode 1
This mode is the default mode when TPM starts. This mode is limited to a subset of TPM
services.
Table 12: Approved mode 1
Properties
Description
Definition
Transient mode of operation when TPM is power-up and
before TPM2_SelfTest(full=YES) execution
Configuration
No configuration required
Services available
List of available services is indicated in last column of Table
18: Command support table.
Algorithms used
SHA / HMAC / AES / DRBG / KDF / TDES
CSPs used
List of CSPs that might be accessed in this mode is indicated
in Table 18: Command support table.
Self-tests
SHS / HMAC / AES / DRBG / KDF / TDES / HW integrity / FW
integrity / NDRNG
1.7.2.2
Approved mode 2
This mode is the full FIPS approved mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com