Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST33TPHF20I2C Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 22Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 23Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 24Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 25Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 26Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 27Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 28Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 29Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 26 of 47
NON-PROPRIETARY DOCUMENT
30
symKey, IV
2*16 bytes derived from the concatenation of contextKey and one of the proof
(CSP 5, 6, 7, 8). It is used as key and IV for:
Symmetric en/decryption of context blob
Transient value
only available
during
TPM2_ContextS
ave /
TPM2_ContextL
oad processing
Duplication
31
inner symKey
Symmetric key passed as input to duplication commands or generated by
HDRBG (size depends on symmetric algorithm used).
It is used as:
Symmetric en/decryption key to protect TPM2B_PRIVATE output structure
Transient value
only available
during
command
processing
32
seed
32 bytes value randomly generated by HDRBG if new parent is a RSA key or
via KDFe if new parent is an ECC key.
It is used as key for :
KDFa to generate a symmetric en/decryption key for outer protection
KDFa to generate a HMAC key for outer integrity protection
33
outer symKey
Symmetric key generated via KDFa from seed. It is used as key for:
Symmetric en/decryption key for outer protection of TPM2B_PRIVATE
output structure
34
outer hmacKey
HMAC key generated via KDFa from seed. It is used as key for:
HMAC integrity key for outer protection of TPM2B_PRIVATE output
structure
Credential
35
seed
32 bytes value randomly generated by HDRBG if new parent is a RSA key or
via KDFe if new parent is an ECC key.
It is used as key for :
KDFa to generate a symmetric en/decryption key for outer protection
KDFa to generate a HMAC key for outer integrity protection
Transient value
only available
during
command
processing
36
symKey
Symmetric key generated via KDFa from seed. It is used as key for:
Symmetric en/decryption key for outer protection of credentialBlob
37
hmacKey
HMAC key generated via KDFa from seed. It is used as key for:
HMAC integrity key for outer protection of credentialBlob
DRBG
38
DRBG state
Internal state (V and C secret values) of the HDRBG (based on SHA256) stored
in RAM.
TPM2_Clear
ECC
39
commitNonce
32 bytes value randomly generated by HDRBG at each TPM2_Startup
(CLEAR).
It is used as key for :
KDFa to generate an ECC ephemeral private key used in
TPM2_EC_Ephemeral command / TPM2_ZGen_2Phase
Transient value
only available
during
command
processing
40
ephemeral key
–
derived from
commitNonce
ECC private key (size depends on curve selected) generated with KDFa from
commitNonce. It is used as ephemeral private key in:
TPM2_Ephemeral command (scalar multiplication) to generate the
associated ephemeral public key
TPM2_Zgen_2Phase (ECDH scheme) to generate outZ2 (output point)
41
ephemeral key
ECC private key (size depends on curve selected) generated with HDRBG. It is
used as ephemeral private key in:
TPM2_ECDH_KeyGen command (ECDH scheme) to generate zPoint
(output point)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com