Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3RY2205 Datasheet(PDF) 81 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 81 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 77Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 79Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 80Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 81Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 85Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
V8-T3-80
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.13 Inductive Proximity Sensors
E52 Cube Style Sensors
Product Selection
E52 Cube Style Sensors
DC Four-Wire Sensors
Compatible Connector Cables
Standard Cables 2
Notes
See listing of compatible connector cables above.
1 Autoconfigure technology allows the sensor to automatically adapt to NPN or PNP without user intervention.
2 For a full selection of connector cables, see Tab 10, section 10.1.
Voltage
Type
Output
Configuration
Shielding
Output
Type
Sensing
Range
Connector
Style
Catalog Number
Cube Package (40 x 40 x 40 mm)
10–48 Vdc
NPN/PNP
autoconfigure 1
Shielded
1 NO and 1 NC
15 mm
DC 4-pin micro
E52Q-DL15SAD01
DC 4-pin mini
E52Q-DL15SAE01
Unshielded
1 NO and 1 NC
15 mm
DC 4-pin micro
E52Q-DL15UAD01
DC 4-pin mini
E52Q-DL15UAE01
10–48 Vdc
NPN/PNP
autoconfigure 1
Shielded
1 NO and 1 NC
20 mm
DC 4-pin micro
E52Q-DL20SAD01
DC 4-pin mini
E52Q-DL20SAE01
Unshielded
1 NO and 1 NC
20 mm
DC 4-pin micro
E52Q-DL20UAD01
DC 4-pin mini
E52Q-DL20UAE01
25 mm
DC 4-pin micro
E52Q-DL25UAD01
DC 4-pin mini
E52Q-DL25UAE01
30 mm
DC 4-pin micro
E52Q-DL30UAD01
DC 4-pin mini
E52Q-DL30UAE01
35 mm
DC 4-pin micro
E52Q-DL35UAD01
DC 4-pin mini
E52Q-DL35UAE01
40 mm
DC 4-pin micro
E52Q-DL40UAD01
DC 4-pin mini
E52Q-DL40UAE01
Current
Rating at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
—DC
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
16.4 ft (5m)
CSDS4A4CY2205
CSDS4A4RY2205
32.8 ft (10m)
CSDS4A4CY2210
CSDS4A4RY2210
Mini-Style, Straight Female
10 A
AC/DC
4-pin,
4-wire
16 AWG
6.0 ft (2m)
CSMS4A4CY1602
—
13.1 ft (4m)
CSMS4A4CY1604
—
19.7 ft (6m)
CSMS4A4CY1606
—
Mini-Connector
Micro-Connector
Micro-Style
Straight Female
Mini-Style
Straight Female
1-Brown
2-White
3-Blue
4-Black
1-Black
2-Blue
3-Brown
4-White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com