Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3RY2205 Datasheet(PDF) 99 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 99 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 96Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 97Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 98Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 99Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 100Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 101Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 102Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
V8-T3-98
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.17 Inductive Proximity Sensors
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
Product Selection
Unitized Sensors
Factory Sealed 6P+ Assembled Sensors
Compatible Connector Cables
Standard Cables 6
Notes
1 Switch bases feature 8 ft of SOOW-A cable. Other connection options are available:
2 Sensor head is hard wired to sensor body and cannot be detached. Side sensing head can be unfastened
and rotated to any of four positions.
3 Sensor heads feature color coded target symbols: Yellow for standard frequency; Green for alternate frequency.
4 See listing of compatible connector cables above.
5 For 12 ft.
6 For a full selection of connector cables, see Tab 10, section 10.1.
Two-Wire Sensors
Four-Wire Sensors
Operating voltage
20–264 Vac/dc
120 Vac
10–30 Vdc
NO and NC
complementary
NO and NC complementary
Sensing
Range
Shielding
Output
NO
NC
PNP
NPN
Frequency 3
Assembled Sensor with Head, Sensor Body and Receptacle
Catalog Number
Top Sensing
0.51 in (13 mm)
Shielded
Standard
E51ALT16PU
E51BLT16PU
E51CLT16PU
E51PLT16PU
E51NLT16PU
Alternate
E51ALT26PU
E51BLT26PU
E51CLT26PU
E51PLT26PU
E51NLT26PU
0.94 in (24 mm)
Unshielded
Standard
E51ALT56PU
E51BLT56PU
E51CLT56PU
E51PLT56PU
E51NLT56PU
Alternate
E51ALT66PU
E51BLT66PU
E51CLT66PU
E51PLT66PU
E51NLT66PU
Side Sensing
0.51 in (13 mm)
Shielded
Standard
E51ALS16PU
E51BLS16PU
E51CLS16PU
E51PLS16PU
E51NLS16PU
Alternate
E51ALS26PU
E51BLS26PU
E51CLS26PU
E51PLS26PU
E51NLS26PU
0.94 in (24 mm)
Unshielded
Standard
E51ALS56PU
E51BLS56PU
E51CLS56PU
E51PLS56PU
E51NLS56PU
Alternate
E51ALS66PU
E51BLS66PU
E51CLS66PU
E51PLS66PU
E51NLS66PU
Current Rating
at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
Catalog Number
Mini-Style, Straight Female
13 A
—
3-pin
16 AWG
6 ft (2m)
CSMS3F3CY1602
10 A
—
4-pin
16 AWG
6 ft (2m)
CSMS4A4CY1602
8 A
AC/DC
5-pin,
5-wire
16 AWG
6 ft (2m)
CSMS5A5CY1602
Connection Option 4
Instructions
Example
Mini-connector mounted on 3 ft (0.9m) pigtail cable
(3-pin for two-wire sensors; 5-pin for four-wire sensors)
Add the letter T before U
E51ALT16PTU
Mini-connector mounted to switch base
(3-pin for two-wire sensors; 5-pin for four-wire sensors)
Add the letter C before U
E51ALT16PCU
Cable longer than 8 ft, add required length in 1 ft increments
to listed catalog number—20 ft maximum
Add length in feet to end of
catalog number
E51ALT16PU12 5
Top Sensing 2
Sensor Heads 2
Side Sensing 2
Assembled Sensor
with 8 ft Cable 1
Mini-Style
Straight Female
1-Green
2-Black
3-White
1-Black
2-Blue
3-Brown
4-White
1-Black
2-Blue
3-Orange
4-Brown
5-White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com