Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3RY2210 Datasheet(PDF) 85 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 85 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 81Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 85Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 86Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 89Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
V8-T3-84
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.14 Inductive Proximity Sensors
E52 Rectangular Style Sensors
Product Selection
E52 Rectangular Style Sensors
Three-Wire Models
Compatible Connector Cables
Standard Cables 1
Technical Data and Specifications
E52 Rectangular Style Sensors
Notes
See listing of compatible connector cables above.
1 For a full selection of connector cables, see Tab 10, section 10.1.
Voltage
Sensing
Range
Frequency
Shielding
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
R12 Side Sensing
12–24 Vdc
0.12 in (3 mm)
Standard
Shielded (NPN)
1-meter cable
E52RAL12T110
—
Shielded (PNP)
E52RAL12T111
—
Alternate
Shielded (NPN)
1-meter cable
E52RAL12T110AF
—
Shielded (PNP)
E52RAL12T111AF
—
Q16 End Sensing
12–30 Vdc
0.20 in (5 mm)
Standard
Unshielded (NPN)
2-meter cable
E52-16QS04-C
E52-16QS04-C1
Unshielded (PNP)
2-meter cable
E52-16QS04-B
E52-16QS04-B1
R18 Side Sensing
10–30 Vdc
0.16 in (4 mm)
Standard
Unshielded (NPN)
2-meter cable
E52-18RU04-C
E52-18RU04-C1
3-pin nano-connector
E52-18RU04-CN
E52-18RU04-C1N
Unshielded (PNP)
2-meter cable
E52-18RU04-B
E52-18RU04-B1
3-pin nano-connector
E52-18RU04-BN
E52-18RU04-B1N
Q25 End Sensing
10–30 Vdc
0.39 in (10 mm)
Standard
Shielded (NPN)
2-meter cable
E52-25QS10-C
E52-25QS10-C1
Shielded (PNP)
2-meter cable
E52-25QS10-B
E52-25QS10-B1
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Nano-Style, Straight Female
DC
3-pin
24 AWG
6.0 ft (2m)
CSNS3A3CY2402
CSNS3A3RY2402
Description
Specification
Input current
Less than 10 mA
Load current
100 mA maximum
Switching rate
500 operations per second
Circuit protection
Short circuit
Ambient temperature range
–13 to 130 °F (–10 to 55 °C)
Enclosure rating
NEMA 1, 2, 3, 3S, 4, 12 (IEC IP66)
Enclosure material
PBT composition
Output indicator LED
Lights when output is ON
R12 Side Sensing
Q16 End Sensing
R18 Side Sensing
Q25 End Sensing
Nano-Style
Straight Female
1-Brown
3-Blue
4-Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com