Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3RY2210 Datasheet(PDF) 50 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 50 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 46Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 47Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 48Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 49Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 50Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 54Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-49
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.6
Inductive Proximity Sensors
AccuProx Analog Sensors
AccuProx Analog Sensors
Contents
Description
Page
AccuProx Analog Sensors
Application Guide . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-50
Product Selection
AccuProx Analog Sensors . . . . . . . . . . . . . .
V8-T3-51
Compatible Connector Cables . . . . . . . . . . .
V8-T3-51
Technical Data and Specifications . . . . . . . . . .
V8-T3-52
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-54
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-54
AccuProx Analog Sensors
Product Description
The AccuProx from Eaton’s
Electrical Sector is a high
performance analog inductive
proximity sensor. The
AccuProx family of analog
sensors provide unmatched
sensing range, linearity and
resolution in an affordable
and compact tubular package.
Unlike standard inductive
sensors, which send an open
or close signal upon target
presence or absence,
AccuProx analog sensors
provide an electrical signal
that varies in proportion to
the position of the metal
target within its sensing
range. This makes AccuProx
ideal for applications requiring
precise position sensing and
measurement.
The sensing performance of
AccuProx sets it apart from
traditional analog inductive
designs. Utilizing
components from the cutting-
edge iProx family, AccuProx
provides sensing ranges of
three to four times that of
typical tubular analog inductive
sensors—all without
compromising accuracy.
Unlike many competitive
products, which are often
hampered by an “S-shaped”
output curve, AccuProx
outputs are linear.
AccuProx has the range
and precision to solve your
most difficult measurement
applications.
Application Description
Typical Applications
●
Part positioning
●
Distance, size and
thickness measurement
●
General inspection and
error proofing, such as
material imperfection or
blemish detection
●
Eccentricity or absolute
angle detection
●
Identification of different
metals
See the Application Guide
on Page V8-T3-50 for more
detail.
Features
●
Extended linear sensing
range of up to 25
millimeters—three times
longer than standard
tubular analog inductive
sensors
●
Outputs available in current
(4–20 or 0–20 mA) and
voltage (0–10 V)
●
High output resolution and
repeatability for
applications requiring
precision sensing
performance
●
Robust stainless steel
barrel, shock-resistant
front cap, polycarbonate
end bell and impact-
absorbing potting
compound
●
Ideal for extreme
temperature or high
pressure washdown
environments
●
High noise immunity of
20 V/m prevents many
problems associated with
electrical noise
Standards and Certifications
●
UL Listed, E166051
●
UL Tested to Canadian
safety standards
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com