Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DTW12 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS2DTW12
Description  MEMS digital output dual motion and temperature sensor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DTW12 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS2DTW12 Datasheet HTML 4Page - STMicroelectronics LIS2DTW12 Datasheet HTML 5Page - STMicroelectronics LIS2DTW12 Datasheet HTML 6Page - STMicroelectronics LIS2DTW12 Datasheet HTML 7Page - STMicroelectronics LIS2DTW12 Datasheet HTML 8Page - STMicroelectronics LIS2DTW12 Datasheet HTML 9Page - STMicroelectronics LIS2DTW12 Datasheet HTML 10Page - STMicroelectronics LIS2DTW12 Datasheet HTML 11Page - STMicroelectronics LIS2DTW12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
2.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ. (1)
Max.
Unit
Top
Operating temperature range
-40
+85
°C
Tacc
Temperature accuracy (0 °C to 70 °C)
±0.8
°C
Temperature accuracy (-40 °C to +85 °C)
±1.3
TODR
Temperature refresh rate in High-Performance Mode for all ODRs
or in low-power modes for ODRs equal to 200/100/50 Hz
50
Hz
Temperature refresh rate in low-power modes for ODR equal to 25 Hz
25
Temperature refresh rate in low-power modes for ODR equal to 12.5 Hz
12.5
Temperature refresh rate in low-power modes for ODR equal to 1.6 Hz
1.6
1. Typical specifications are not guaranteed.
LIS2DTW12
Temperature sensor characteristics
DS12825 - Rev 3
page 8/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com