Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DTW12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DTW12
Description  MEMS digital output dual motion and temperature sensor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DTW12 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DTW12 Datasheet HTML 1Page - STMicroelectronics LIS2DTW12 Datasheet HTML 2Page - STMicroelectronics LIS2DTW12 Datasheet HTML 3Page - STMicroelectronics LIS2DTW12 Datasheet HTML 4Page - STMicroelectronics LIS2DTW12 Datasheet HTML 5Page - STMicroelectronics LIS2DTW12 Datasheet HTML 6Page - STMicroelectronics LIS2DTW12 Datasheet HTML 7Page - STMicroelectronics LIS2DTW12 Datasheet HTML 8Page - STMicroelectronics LIS2DTW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Features
•
Ultra-low power consumption: 50 nA in power-down mode, below 1 µA in active
low-power mode
•
Very low noise: down to 1.3 mg RMS in low-power mode
•
0.8 °C (typ. accuracy) embedded temperature sensor
•
Multiple operating modes with multiple bandwidths
•
Android stationary detection, motion detection
•
Supply voltage, 1.62 V to 3.6 V
•
Independent IO supply
•
±2g/±4g/±8g/±16g full scale
•
High-speed I²C/SPI digital output interface
•
Single data conversion on demand
•
16-bit accelerometer data output
•
12-bit temperature data output
•
Self-test
•
32-level FIFO
•
10000 g high shock survivability
•
ECOPACK, RoHS and “Green” compliant
Applications
•
Fragile shipment tracking
•
Motion and temperature monitoring in battery-powered devices
•
Gesture recognition and gaming
•
Motion-activated functions and user interfaces
•
Display orientation
•
Tap/double-tap recognition
•
Free-fall detection
•
Smart power saving for handheld devices
•
Hearing aids
•
Portable healthcare devices
•
Wireless sensor nodes
•
Motion-enabled metering devices
Description
The LIS2DTW12 is an ultra-low-power high-performance three-axis linear
accelerometer and temperature sensor belonging to the “femto” family which
leverages on the robust and mature manufacturing processes already used for the
production of micromachined accelerometers.
The device has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of
measuring accelerations with output data rates from 1.6 Hz to 1600 Hz.
The LIS2DTW12 has an embedded 0.8 °C (typ. accuracy) temperature sensor with
ODRs ranging from 50 to 1.6 Hz and resolution from 8 to 12 bits.
Product status link
LIS2DTW12
Product summary
Order code
LIS2DTW12TR
Temperature
range [°C]
-40 to +85
Package
LGA-12
Packing
Tape and reel
Product label
MEMS digital output dual motion and temperature sensor
LIS2DTW12
Datasheet
DS12825 - Rev 3 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS2DTW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DE12TR STMICROELECTRONICS-LIS2DE12TR Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
Free-fall detection
05-May-2017
LIS2DH12TR STMICROELECTRONICS-LIS2DH12TR Datasheet
1Mb / 53P
Free-fall detection
05-May-2017
More results

Similar Description - LIS2DTW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±1500°/s analog output gyroscope
06-Jul-2009
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
MEMS motion sensor: three-axis digital output gyroscope
05-Mar-2013
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
22-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com