Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4SERIESMSO Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # 4SERIESMSO
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4SERIESMSO Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  4SERIESMSO Datasheet HTML 1Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 2Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 3Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 4Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 5Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 6Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 7Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 8Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Key performance specifications
2 and 4 analog channel models
100 MHz, 200 MHz, 350 MHz, 500 MHz, 1 GHz bandwidth models
Bandwidth is upgradable (up to 1 GHz)
Up to 5 GS/s sample rate
10 M record length on all channels
>280,000 wfm/s maximum waveform capture rate
Standard passive voltage probes with 3.9 pF capacitive loading and
250 MHz or 500 MHz analog bandwidth
Spectrum Analyzer (optional)
Frequency range: 9 kHz - 1 GHz or 3 GHz
Ultra-wide capture bandwidth up to 3 GHz
Arbitrary Function Generator (optional)
13 predefined waveform types
50 MHz waveform generation
128 k arbitrary generator record length
250 MS/s arbitrary generator sample rate
Digital Channels (optional)
16 digital channels
10 M record length on all channels
121.2 ps timing resolution
Serial Bus Decode, Triggering and Search (optional)
Serial bus support for I2C, SPI, RS-232/422/485/UART, USB 2.0,
CAN, CAN FD, LIN, FlexRay, MIL-STD-1553, ARINC429, and
Audio standards
Digital Voltmeter / Frequency Counter (Free with product registration)
4-digit DC, AC RMS, and DC+AC RMS voltage measurements
5-digit frequency measurements
Typical applications
Embedded design and IoT
Discover and solve issues quickly by performing system level debug on
mixed signal embedded systems including today's most common serial
bus technologies with the 3 Series MDO and support for a broad set of
common serial buses.
Power design
Make reliable and repeatable voltage, current, and power
measurements using automated power quality, switching loss,
harmonics, ripple, modulation, and safe operating area measurements
with the widest selection of power probes in an affordable solution.
Education
Managing multiple instruments on a bench can be troublesome. The
3 Series MDO combines analog, digital, and RF measurements with a
signal source in a single, small (5.9 in., 149 mm deep) instrument. The
combination of a small instrument and high level of integration aids in
the teaching of various electronics principles as well as in its usage for
more sophisticated lab experiments. Full upgradeability enables adding
functionality over time as needs change or budgets allow.
Manufacturing Test and Troubleshooting
Size and space constraints can play havoc on a manufacturing floor.
The 3 Series MDO minimizes rack or bench space by integrating
multiple instruments into one small package. Integration reduces cost
associated with utilizing multiple different instrument types in
manufacturing test or troubleshooting stations.
Service Installation and Maintenance
Having the right instruments when and where you need them is critical.
The 3 Series MDO combines analog waveforms, digital logic, and
spectrum analysis in a lightweight (11.7 lbs, 5.3 kg), portable package -
making it the perfect choice where space is limited and flexibility is
desired.
Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com