Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4SERIESMSO Datasheet(PDF) 31 Page - TEKTRONIX, INC.

Part # 4SERIESMSO
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4SERIESMSO Datasheet(HTML) 31 Page - TEKTRONIX, INC.

Back Button 4SERIESMSO Datasheet HTML 27Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 28Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 29Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 30Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 31Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 32Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 33Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 34Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 35Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Service options
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R5
Repair Service 5 Years (including warranty)
Opt. T3
Three Year Total Protection Plaln, includes repair or replacement coverage from wear and tear, accidental damage, ESD or EOS
plus preventative maintenance, including a 5 day turnaround time and priority acdess to customer support.
Opt. T5
Five Year Total Protection Plaln, includes repair or replacement coverage from wear and tear, accidental damage, ESD or EOS
plus preventative maintenance, including a 5 day turnaround time and priority acdess to customer support.
Probes and accessories are not covered by the oscilloscope warranty and service offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Step 3 Select triggering and analysis options
Triggering and analysis options
3-BND
Adds an application bundle (includes all serial options and power analysis option).
3-SRAERO
Adds aerospace serial triggering and analysis (MIL-STD-1553, ARINC429).
3-SRAUDIO
Adds audio serial triggering and analysis (I2S, LJ, RJ, TDM).
3-SRAUTO
Adds automotive serial triggering and analysis (CAN, CAN FD, LIN, FlexRay).
3-SRCOMP
Adds computer serial triggering and analysis (RS-232/422/485/UART).
3-SREMBD
Adds embedded serial triggering and analysis (I2C, SPI).
3-SRUSB2
Adds USB serial triggering and analysis (USB 2.0 LS, FS, HS).
3-PWR
Adds power measurement and analysis.
Recommended accessories
Probes
Tektronix offers over 100 different probes to meet your application needs. For a comprehensive listing of available probes, please visit www.tektronix.com/probes.
TPP0250
250 MHz, 10X attenuation passive probe with TekVPI® interface
TPP0500B
500 MHz, 10X attenuation passive probe with TekVPI® interface
TPP0502
500 MHz, 2X attenuation passive probe with TekVPI® interface
TPP0850
2.5 kV, 800 MHz, 50X TekVPI® passive high-voltage probe
TPP1000
1 GHz, 10X TekVPI® passive voltage probe, 1.3 Meter cable
TDP0500
500 MHz TekVPI® differential voltage probe, ±42 V differential input voltage
TDP1000
1 GHz TekVPI® differential voltage probe, ±42 V differential input voltage
THDP0100
±6 kV, 100 MHz TekVPI® high-voltage differential probe
3 Series MDO
www.tek.com 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com