Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB86291A Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB86291A
Description  Graphics Display Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86291A Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB86291A Datasheet HTML 1Page - fujitsu semiconductor MB86291A Datasheet HTML 2Page - fujitsu semiconductor MB86291A Datasheet HTML 3Page - fujitsu semiconductor MB86291A Datasheet HTML 4Page - fujitsu semiconductor MB86291A Datasheet HTML 5Page - fujitsu semiconductor MB86291A Datasheet HTML 6Page - fujitsu semiconductor MB86291A Datasheet HTML 7Page - fujitsu semiconductor MB86291A Datasheet HTML 8Page - fujitsu semiconductor MB86291A Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
MB86291A
2
(Continued)
• Drawing features:
• Drawing at a peak rate of 800 Mpixels per second (at an internal operating frequency of 100 MHz)
• 2D drawing functions: Point, line, triangle, polygon, BLT, and pattern drawing
• 3D drawing functions: Point, line, and triangle drawing, and hidden surface removal by Z-buffering
• Special effects: Anti-aliasing, bold/dashed-line processing, alpha blending, Gouraud shading, texture
mapping (bilinear filtering, perspective correct) , and tiling
• Display features :
• Maximum display resolution supported : 1024×768 pixels
• Color display either with a color palette of 8 bits per pixel or directly using 5-bit RGB colors of 16 bits per pixel
• Overlaying four layers of screen, of which two lower layers can be divided into the left and right parts
• Supporting two 64×64-pixel hardware cursors
• Output of analog RGB and digital RGB signals
• Capable of superimposing using an external synchronization mode
• Power-supply voltage : Two power supplies at 2.5 V
±0.2 V for internal circuits and SDRAM, and 3.3 V±0.2 V
for I/O parts
• Package: Plastic QFP with 208 pins (with a lead pitch of 0.5 mm)
• Process technology : 0.25
µm CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com