Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB86291A Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB86291A
Description  Graphics Display Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86291A Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB86291A Datasheet HTML 17Page - fujitsu semiconductor MB86291A Datasheet HTML 18Page - fujitsu semiconductor MB86291A Datasheet HTML 19Page - fujitsu semiconductor MB86291A Datasheet HTML 20Page - fujitsu semiconductor MB86291A Datasheet HTML 21Page - fujitsu semiconductor MB86291A Datasheet HTML 22Page - fujitsu semiconductor MB86291A Datasheet HTML 23Page - fujitsu semiconductor MB86291A Datasheet HTML 24Page - fujitsu semiconductor MB86291A Datasheet HTML 25Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MB86291A
21
(3) Video Capture Interface
•••• Clock
•••• Input signals
•••• Clock
•••• Video input
Parameter
Symbol
Condi-
tion
Value
unit
Min
Typ
Max
CCLKI frequency
fCCLKI

27
MHz
CCLKI H period
tHCCLKI
1

ns
CCLKI L period
tLCCLKI
1

ns
Parameter
Symbol
Condi-
tion
Value
unit
Min
Typ
Max
VI setup time (External load of 25 pF)
tVIS
11

ns
VI hold time (External load of 15 pF)
tVIH
2

ns
CLK
1/fCLK
tHCLK
tLCLK
VIH
VIL
CCLKI
VI0~VI7
tVIS
tVIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com