Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN7R0-40LS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN7R0-40LS
Description  N-channel DFN3333-8 40 V 7.0 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN7R0-40LS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN7R0-40LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN7R0-40LS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
6 of 14
NXP Semiconductors
PSMN7R0-40LS
N-channel DFN3333-8 40 V 7.0 m
Ω standard level MOSFET
Tj = 25°C; VDS = 10 V
Tj = 25°C and tp = 300 us
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
VDS = 10 V
Tj = 25°C; ID = 10 A
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aae518
0
20
40
60
0
1020
3040
ID (A)
gfs
(S)
003aae519
0
10
20
30
40
50
0
0.5
1
1.5
2
VDS(V)
ID
(A)
VGS(V) = 5.5
6.0
7.0
10
4.6
4.8
4.2
4.4
5.0
4.5
003aae520
0
10
20
30
40
0246
VGS (V)
ID
(A)
Tj = 175 °C
Tj = 25 °C
003aae521
0
4
8
12
16
20
4
8
12
16
20
VGS (V)
RDSon
(m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com