Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN7R0-40LS Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PSMN7R0-40LS
Description  N-channel DFN3333-8 40 V 7.0 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN7R0-40LS Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PSMN7R0-40LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 11Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 12Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PSMN7R0-40LS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
8 of 14
NXP Semiconductors
PSMN7R0-40LS
N-channel DFN3333-8 40 V 7.0 m
Ω standard level MOSFET
Tj = 25°C; tp = 300 µs
Fig 13. Drain-source on-state resistance as a function
of drain current; typical values
Fig 14. Gate charge waveform definitions
Tj = 25°C and ID = 30 A
VGS = 0 V, f = 1 MHz
Fig 15. Gate-source voltage as a function of gate
charge; typical values
Fig 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003aae522
0
5
10
15
20
25
0
1530
4560
ID(A)
RDSon
(m
Ω)
10
6.0
8.0
5.5
6.5
VGS(V) = 5.0
7.0
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aae523
0
2
4
6
8
10
010
20
30
QG (nC)
VGS
(V)
VDS = 20 V
32 V
8 V
003aae524
102
103
104
10−2
10−1
1
10
102
VDS (V)
C
(pF)
Ciss
Crss
Coss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com