Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC856BMB Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BC856BMB
Description  60 V, 100 mA PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BMB Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC856BMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BC856BMB
60 V, 100 mA PNP general-purpose transistor
BC856BMB
All information provided in this document is subject to legal disclaimers.
Product data sheet
19 August 2015
5 / 12
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -30 V; IE = 0 A; Tamb = 25 °C
-
-
-15
nA
ICBO
collector-base cut-off
current
VCB = -30 V; IE = 0 A; Tj = 150 °C
-
-
-5
µA
IEBO
emitter-base cut-off
current
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
hFE
DC current gain
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
220
-
475
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-
-200
mV
VCEsat
collector-emitter
saturation voltage
IC = -100 mA; IB = -5 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
-400
mV
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-700
-
mV
VBEsat
base-emitter saturation
voltage
IC = -100 mA; IB = -5 mA; Tamb = 25 °C
-
-850
-
mV
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
-600
-
-750
mV
VBE
base-emitter voltage
VCE = -5 V; IC = -10 mA; Tamb = 25 °C
-
-
-820
mV
CC
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
2.5
pF
CE
emitter capacitance
VEB = -0.5 V; IC = 0 A; ic = 0 A;
f = 1 MHz; Tamb = 25 °C
-
4.5
-
pF
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
NF
noise figure
VCE = -5 V; IC = -200 µA; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz; Tamb = 25 °C
-
-
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com