Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC856BMB Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BC856BMB
Description  60 V, 100 mA PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BMB Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BC856BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BC856BMB
60 V, 100 mA PNP general-purpose transistor
BC856BMB
All information provided in this document is subject to legal disclaimers.
Product data sheet
19 August 2015
7 / 12
11. Test information
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
12. Package outline
11-11-02
Dimensions in mm
2
3
0.55
0.47
0.30
0.22
1
0.40
0.34
0.30
0.22
0.20
0.12
0.65
0.04 max
0.35
0.65
0.55
1.05
0.95
Fig. 8. Package outline DFN1006B-3 (SOT883B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com