Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G3157DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G3157DP
Description  Dual 10 廓 single-pole double-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G3157DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G3157DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nexperia
74LVC2G3157
Dual 10 Ω single-pole double-throw analog switch
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
1S
1
select input
1Y1
2
independent input or output
GND
3
ground (0 V)
2Y1
4
independent input or output
2S
5
select input
2Z
6
common output or input
2Y0
7
independent input or output
VCC
8
supply voltage
1Y0
9
independent input or output
1Z
10
common output or input
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level.
Input nS
Channel on
L
nY0
H
nY1
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
VI
input voltage
[1]
-0.5
+6.5
V
IIK
input clamping current
VI < -0.5 V
-50
-
mA
ISK
switch clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-
±50
mA
VSW
switch voltage
enable and disable mode
[2]
-0.5
VCC + 0.5 V
ISW
switch current
VSW > -0.5 V or VSW < VCC + 0.5 V
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
250
mW
[1] The minimum input voltage rating may be exceeded if the input current rating is observed.
[2] The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[3] For TSSOP10 package: above 120°C the value of Ptot derates linearly with 8.3 mW/K.
For XQFN10 package: above 90°C the value of Ptot derates linearly with 4.2 mW/K.
74LVC2G3157
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 March 2019
3 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com