Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G3157DP Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G3157DP
Description  Dual 10 廓 single-pole double-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G3157DP Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G3157DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Nexperia
74LVC2G3157
Dual 10 Ω single-pole double-throw analog switch
11. Dynamic characteristics
Table 9. Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 17.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ[1] Max
Min
Max
Unit
nYn to nZ or nZ to nYn; see Fig. 14
[2][3]
VCC = 1.65 V to 1.95 V
-
-
2
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
-
1.2
-
2.0
ns
VCC = 2.7 V
-
-
1.0
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
-
0.8
-
1.5
ns
tpd
propagation
delay
VCC = 4.5 V to 5.5 V
-
-
0.6
-
1.0
ns
nS to nYn; see Fig. 15
[4]
VCC = 1.65 V to 1.95 V
1
8.7
24
1
26.5
ns
VCC = 2.3 V to 2.7 V
1
5.3
14
1
15.5
ns
VCC = 2.7 V
1
4.9
14
1
15.5
ns
VCC = 3.0 V to 3.6 V
0.5
4
7.6
0.5
8.5
ns
ten
enable time
VCC = 4.5 V to 5.5 V
0.5
3
5.7
0.5
6.6
ns
nS to nYn; see Fig. 15
[5]
VCC = 1.65 V to 1.95 V
2.5
6
13
2.5
14.5
ns
VCC = 2.3 V to 2.7 V
2
4.4
7.5
2
8.5
ns
VCC = 2.7 V
1.5
4.2
7.5
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.6
5.3
1.5
6
ns
tdis
disable time
VCC = 4.5 V to 5.5 V
0.8
2.9
3.8
0.8
4.5
ns
CL = 35 pF; RL = 50 Ω; see Fig. 16
[6]
VCC = 1.65 V to 1.95 V
0.5
-
-
0.5
-
ns
VCC = 2.3 V to 2.7 V
0.5
-
-
0.5
-
ns
VCC = 2.7 V
0.5
-
-
0.5
-
ns
VCC = 3 V to 3.6 V
0.5
-
-
0.5
-
ns
tb-m
break-before-
make time
VCC = 4.5 V to 5.5 V
0.5
-
-
0.5
-
ns
[1] Typical values are measured at Tamb = 25 °C and nominal VCC.
[2] tpd is the same as tPLH and tPHL.
[3] Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4] ten is the same as tPZH and tPZL.
[5] tdis is the same as tPLZ and tPHZ.
[6] Break-before-make specified by design.
74LVC2G3157
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 March 2019
9 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com