Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP4786CZ32S Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # IP4786CZ32S
Description  DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4786CZ32S Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button IP4786CZ32S Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 17Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 18Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 19Page - Nexperia B.V. All rights reserved IP4786CZ32S Datasheet HTML 20Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
IP4786CZ32S
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 7 January 2015
15 of 35
NXP Semiconductors
IP4786CZ32S
DVI and HDMI interface ESD and overcurrent protection
IEC 61000-4-5; tp =8/20 s; positive pulse
IEC 61000-4-5; tp =8/20 s; negative pulse
Fig 10. Dynamic resistance with positive clamping
Fig 11. Dynamic resistance with negative clamping
tp = 100 ns; TLP; signal pins; typical values
tp = 100 ns; TLP; signal pins; typical values
Fig 12. Dynamic resistance with positive clamping
Fig 13. Dynamic resistance with negative clamping
I (A)
1.2
1.0
0.6
1.1
0.9
0.7
0.5
0.8
018aaa091
3.50
3.25
3.75
4.00
VCL
(V)
3.00
I (A)
0.4
1.2
1.0
0.6
0.8
018aaa092
1.5
2.0
2.5
VCL
(V)
1.0
VCL (V)
622
18
10
14
018aaa093
8
10
6
4
2
12
14
I
(A)
0
VCL (V)
–12
0
–4
–8
018aaa094
0
I
(A)
–14
–12
–10
–8
–6
–4
–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com