Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBSS4360PAS Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # PBSS4360PAS
Description  60 V, 3 A NPN low VCEsat (BISS) transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS4360PAS Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button PBSS4360PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 16Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 17Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 18Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 19Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
NXP Semiconductors
PBSS4360PAS
60 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4360PAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
16 October 2015
15 / 18
14. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PBSS4360PAS v.1
20151016
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com