Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS62LS4008GC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS62LS4008GC
Description  Low Power CMOS SRAM 512K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS62LS4008GC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS62LS4008GC Datasheet HTML 2Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 3Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 4Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 5Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 6Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 7Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 8Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 9Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=3.0V~3.6V)
WRITE CYCLE
UC62LS4008-20
UC62LS4008-25
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tWC
Write Cycle Time
20
-
-
25
-
-
ns
tE1LWH
tCW
Chip Select to END of Write
15
-
-
15
-
-
ns
tAVWL
tAS
Address Setup Time
0
-
-
0
-
-
ns
tAVWH
tAW
Address valid to End of Write
15
-
-
15
-
-
ns
tWLWH
tWP
Write Pulse Width
15
-
-
15
-
-
ns
tWHAX
tWR
Write Recovery Time
0
-
-
0
-
-
ns
tWLOZ
tWHZ
Write to Output in High Z
-
-
8
-
-
10
ns
tDVWH
tDW
Data to Write Time Overlap
8
-
10
-
ns
tWHDX
tDH
Data Hold Time for Write End
0
-
-
0
-
-
ns
tGHOZ
tOHZ
Output Disable to Output In High Z
-
-
8
-
-
10
ns
tWHQX
tOW
End of Write to Output Active
5
-
-
5
-
-
ns
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITECYCLE1
(1)
t
WC
ADDRESS
t
DH
t
OHZ
WE
D
OUT
OE
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
(4,10)
D
IN
t
DW
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com