Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS62LS4008GC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CS62LS4008GC
Description  Low Power CMOS SRAM 512K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS62LS4008GC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CS62LS4008GC Datasheet HTML 3Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 4Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 5Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 6Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 7Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 8Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 9Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 10Page - List of Unclassifed Manufacturers CS62LS4008GC Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
PACKAGE DIMENSIONS
Unit
Symbol
Inch
mm
A
0.0433±0.004
1.10±0.10
A1
0.004±0.002
0.10±0.05
A2
0.039±0.002
1.00±0.05
b
0.009±0.002
0.22±0.05
b1
0.008±0.001
0.2±0.03
c
0.004~0.008
0.10~0.21
c1
0.004~0.006
0.10~0.16
D
0.465±0.004
11.8±0.10
E
0.315±0.004
8.00±0.10
e
0.020±0.004
0.50±0.10
HD
0.528±0.008
13.40±0.20
L
0.0197+0.008
-0.004
0.5 +0.2
-0.1
L1
0.0315±0.004
0.80±0.10
y
0.004 Max
0.1 Max
θ
0” ~ 8”
0” ~ 8”
32 - S T S O P
D
"A "
32
17
16
1
HD
32
17
16
1
b
WIT H P L A T IN G
c1
c
b1
SE CT IO N A-A
BASE M E TAL
A
L1
12 ° (2 X )
"A " D E T A IL V IE W
S E A T IN G PL AN E
A
0.254
G A U G E PL AN E
12 ° (2 X )
L
θ
12 ° (2 X )
12 ° (2 X )
e
S EAT IN G PLAN E "y "
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com