Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R4-30MLD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN2R4-30MLD
Description  N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R4-30MLD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R4-30MLD Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PSMN2R4-30MLD
N-channel 30 V, 2.4 mΩ logic level MOSFET in LFPAK33 using
NextPowerS3 Technology
PSMN2R4-30MLD
All information provided in this document is subject to legal disclaimers.
Product data sheet
11 August 2015
7 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Qoss
output charge
VGS = 0 V; VDS = 15 V; f = 1 MHz;
Tj = 25 °C
-
24
-
nC
Source-drain diode
VSD
source-drain voltage
IS = 20 A; VGS = 0 V; Tj = 25 °C; Fig. 15
-
0.8
1.2
V
trr
reverse recovery time
-
31.2
62.4
ns
Qr
recovered charge
[1]
-
23.5
47
nC
ta
reverse recovery rise
time
-
15.8
-
ns
tb
reverse recovery fall
time
-
15.4
-
ns
S
softness factor
IS = 25 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 15 V; Fig. 16
-
0.97
-
[1] includes capacitive recovery
aaa-008528
0
0.5
1
1.5
2
2.5
3
3.5
4
0
25
50
75
100
125
150
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
150°C
150°C
Fig. 7. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
aaa-008526
0
0.5
1
1.5
2
2.5
0
30
60
90
120
VDS (V)
ID
ID
(A)
(A)
2.4 V
2.4 V
2.6 V
2.6 V
2.8 V
2.8 V
VGS = 3 V
VGS = 3 V
4.5 V
4.5 V
10 V
10 V
Fig. 8. Output characteristics; drain current as a
function of drain-source voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com