Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R4-30MLD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN2R4-30MLD
Description  N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R4-30MLD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN2R4-30MLD Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R4-30MLD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PSMN2R4-30MLD
N-channel 30 V, 2.4 mΩ logic level MOSFET in LFPAK33 using
NextPowerS3 Technology
PSMN2R4-30MLD
All information provided in this document is subject to legal disclaimers.
Product data sheet
11 August 2015
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj
junction temperature
-55
-
175
°C
Static characteristics
VGS = 4.5 V; ID = 25 A; Tj = 25 °C;
Fig. 10
-
2.6
3.2
mΩ
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 10
-
2
2.4
mΩ
Dynamic characteristics
QGD
gate-drain charge
VGS = 4.5 V; ID = 25 A; VDS = 15 V;
Fig. 12; Fig. 13
-
5.6
8.4
nC
QG(tot)
total gate charge
VGS = 4.5 V; ID = 25 A; VDS = 15 V;
Fig. 12; Fig. 13
-
16
24
nC
Source-drain diode
S
softness factor
IS = 25 A; VGS = 0 V; dIS/dt = -100 A/µs;
VDS = 15 V; Fig. 16
-
0.97
-
[1] Continuous current is limited by package
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected to
drain
1
4
3
2
LFPAK33 (SOT1210)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PSMN2R4-30MLD
LFPAK33
Plastic single ended surface mounted package
(LFPAK33); 8 leads
SOT1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com