Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RB520CS3002L Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # RB520CS3002L
Description  200 mA low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

RB520CS3002L Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  RB520CS3002L Datasheet HTML 1Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 2Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 3Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 4Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 5Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 6Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 7Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 8Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RB520CS3002L
200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
Product data sheet
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with
an integrated guard ring for stress protection, encapsulated in DFN1006-2 (SOD882)
leadless ultra small Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
Average forward current: IF(AV) ≤ 200 mA
Reverse voltage: VR ≤ 30 V
Low forward voltage: VF ≤ 450 mV
Low reverse current: IR ≤ 0.5 μA
AEC-Q101 qualified
Leadless ultra small SMD plastic package
3. Applications
Low current rectification
High efficiency DC-to-DC conversion
Switch mode power supply
Reverse polarity protection
Low power consumption applications
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
δ = 0.5 ; f = 20 kHz; Tamb ≤ 115 °C;
square wave
[1]
-
-
200
mA
IF(AV)
average forward
current
δ = 0.5 ; f = 20 kHz; Tsp ≤ 135 °C;
square wave
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C; pulsed
-
330
450
mV
IR
reverse current
VR = 10 V; Tj = 25 °C
-
0.14
0.5
µA
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
cathode 1 cm2.


Similar Part No. - RB520CS3002L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
More results

Similar Description - RB520CS3002L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
PMEG6002EJ NXP-PMEG6002EJ Datasheet
104Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
logo
Nexperia B.V. All right...
PMEG6002EJ-Q NEXPERIA-PMEG6002EJ-Q Datasheet
254Kb / 13P
200 mA low Vf MEGA Schottky barrier rectifier
3 May 2022
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com