Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42426 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 13Page - Cirrus Logic CS42426 Datasheet HTML 14Page - Cirrus Logic CS42426 Datasheet HTML 15Page - Cirrus Logic CS42426 Datasheet HTML 16Page - Cirrus Logic CS42426 Datasheet HTML 17Page - Cirrus Logic CS42426 Datasheet HTML 18Page - Cirrus Logic CS42426 Datasheet HTML 19Page - Cirrus Logic CS42426 Datasheet HTML 20Page - Cirrus Logic CS42426 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
17
CS42426
bits in the register “Interface Formats (address 04h)” on page 34. The serial audio data is presented in 2's
complement binary form with the MSB first in all formats.
DAC_SDIN1, DAC_SDIN2, and DAC_SDIN3 are the serial data input pins supplying the internal DAC.
ADC_SDOUT, the ADC data output pin, carries data from the two internal 24-bit ADCs and, when con-
figured for one-line mode, up to four additional ADC channels attached externally to the signals ADCIN1
and ADCIN2 (typically two CS5361 stereo ADCs). When operated in One Line Data Mode, 6 channels of
DAC data are input on DAC_SDIN1 and 6 channels of ADC data are output on ADC_SDOUT. Table 5
outlines the serial port channel allocations.
Serial Inputs / Outputs
DAC_SDIN1
left channel
right channel
one line mode
DAC #1
DAC #2
DAC channels 1,2,3,4,5,6
DAC_SDIN2
left channel
right channel
one line mode
DAC #3
DAC #4
not used
DAC_SDIN3
left channel
right channel
one line mode
DAC #5
DAC #6
not used
ADC_SDOUT
left channel
right channel
one line mode
ADC #1
ADC #2
ADC channels 1,2,3,4,5,6
ADCIN1
left channel
right channel
External ADC #3
External ADC #4
ADCIN2
left channel
right channel
External ADC #5
External ADC #6
Table 5. Serial Audio Port Channel Allocations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com