Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42426 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 33Page - Cirrus Logic CS42426 Datasheet HTML 34Page - Cirrus Logic CS42426 Datasheet HTML 35Page - Cirrus Logic CS42426 Datasheet HTML 36Page - Cirrus Logic CS42426 Datasheet HTML 37Page - Cirrus Logic CS42426 Datasheet HTML 38Page - Cirrus Logic CS42426 Datasheet HTML 39Page - Cirrus Logic CS42426 Datasheet HTML 40Page - Cirrus Logic CS42426 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37
CS42426
5.6.6
DAC SERIAL PORT MASTER/SLAVE SELECT (DAC_SP M/S)
Default = 1
Function:
In Master mode, DAC_SCLK and DAC_LRCK are outputs. Internal dividers will divide the master
clock to generate the serial clock and left/right clock. In Slave mode, DAC_SCLK and DAC_LRCK
become inputs.
5.6.7
ADC SERIAL PORT MASTER/SLAVE SELECT (ADC_SP M/S)
Default = 1
Function:
In Master mode, ADC_SCLK and ADC_LRCK are outputs. Internal dividers will divide the master
clock to generate the serial clock and left/right clock. In Slave mode, ADC_SCLK and ADC_LRCK
become inputs.
To use the PLL to lock to ADC_LRCK, the ADC_SP must be in slave mode. When using the PLL to
lock to LRCK, if ADC_SDOUT is configured to be clocked by the ADC_SP, then both ADC_SCLK and
ADC_LRCK must be present. If ADC_SDOUT is configured to be clocked by the DAC_SP, then only
the ADC_LRCK signal must be applied.
5.7
Clock Control (address 06h)
5.7.1
RMCK DIVIDE (RMCK_DIVX)
Default = 00
Function:
Divides/multiplies the internal MCLK, either from the PLL or OMCK, by the selected factor.
76543
210
RMCK_DIV1
RMCK_DIV0
OMCK Freq1
OMCK Freq0
PLL_LRCK
SW_CTRL1
SW_CTRL0
FRC_PLL_LK
RMCK_DIV1 RMCK_DIV0
Description
00
Divide by 1
01
Divide by 2
10
Divide by 4
11
Multiply by 2
Table 10. RMCK Divider Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com