Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC92433 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
19
MPC92433
OUTLINE DIMENSIONS
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5m, 1994.
CONTROLLING DIMENSION: MILLIMETER.
DATUM PLAN AB IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
DATUMS T, U, AND Z TO BE DETERMINED AT
DATAUM PLANE AB.
DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE AC.
DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE AB.
DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.350.
MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
A
A1
Z
0.200 AB T-U
4X
Z
0.200 AC T-U
4X
B
B1
1
12
13
24
25
36
37
48
S1
S
V
V1
DETAIL Y
9
T
U
Z
P
AE
AE
T, U, Z
DETAIL Y
M˚
TOP & BOTTOM
L˚
W
K
AA
E
C
H
R
DETAIL AD
AD
G
0.080 AC
AB
AC
BASE METAL
N
J
F
D
T-U
M
0.080
Z
AC
SECTION AE-AE
MIN
1.400
0.170
1.350
0.170
0.050
0.090
0.500
0.090
0˚
0.150
MAX
1.600
0.270
1.450
0.230
0.150
0.200
0.700
0.160
7˚
0.250
DIM
A
A1
B
B1
C
D
E
F
G
H
J
K
M
N
P
L
R
S
S1
V
V1
W
AA
MILLIMETERS
7.000 BSC
3.500 BSC
7.000 BSC
3.500 BSC
0.500 BSC
12˚ REF
0.250 BSC
9.000 BSC
4.500 BSC
9.000 BSC
4.500 BSC
0.200 REF
1.000 REF
FA SUFFIX
48-LEAD LQFP PACKAGE
CASE 932-03
ISSUE F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com