Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852TZT50 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
38
Freescale Semiconductor
Bus Signal Timing
Table 13 shows the debug port timing for the MPC852T.
Figure 30 provides the input timing for the debug port clock.
Figure 30. Debug Port Clock Input Timing
Figure 31 provides the timing for the debug port.
Figure 31. Debug Port Timings
Table 13. Debug Port Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
J82
DSCK cycle time
3xTCLOCKOUT
—
—
J83
DSCK clock pulse width
1.25xTCLOCKOUT
—
—
J84
DSCK rise and fall times
0.00
3.00
ns
J85
DSDI input data setup time
8.00
—
ns
J86
DSDI data hold time
5.00
—
ns
J87
DSCK low to DSDO data valid
0.00
15.00
ns
J88
DSCK low to DSDO invalid
0.00
2.00
ns
DSCK
D61
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com