Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852TZT50 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
51
CPM Electrical Characteristics
Figure 49. Ethernet Collision Timing Diagram
Figure 50. Ethernet Receive Timing Diagram
134
TENA inactive delay (from TCLK3 rising edge)
10
50
ns
135
RSTRT active delay (from TCLK3 falling edge)
10
50
ns
136
RSTRT inactive delay (from TCLK3 falling edge)
10
50
ns
137
REJECT width low
1
—
CLK
138
CLKO1 low to SDACK asserted 2
—
20
ns
139
CLKO1 low to SDACK negated 2
—
20
ns
1
The ratios SyncCLK/RCLK3 and SyncCLK/TCLK3 must be greater or equal to 2/1.
2
SDACK is asserted whenever the SDMA writes the incoming frame DA into memory.
Table 22. Ethernet Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
CLSN(CTS1)
120
(Input)
RCLK3
121
RxD3
(Input)
121
RENA(CD3)
(Input)
125
124
123
127
126
Last Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com