Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC555LFMZP40 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC555LFMZP40
Description  This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC555LFMZP40 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC555LFMZP40 Datasheet HTML 2Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 3Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 4Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 5Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 6Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 7Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 8Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 9Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MPC555 Product Brief
MOTOROLA
Key Features
2
MPC555 Address Map
The internal memory map is shown in Figure 2.
Figure 2. MPC555 Internal Memory Map
0x 30 7
0x 2F
0x 30 0000
USIU & F l a sh
16 Kbytes
0 x 38 00 0 0
(10 Kbytes)
0x 3 F
USIU Control Registers
FLASH Module A (64 b ytes)
FLASH Module B (64 b ytes)
Kbytes
0x 2F C 000
0x 2F
0x 30 8000
0 x 3 7 FFFF
(4 80 Kbytes)
SR A M C o n t r o l A
( 8 bytes)
0x 3F 9800
(485.98 Kbytes)
0x 38 0010
Res erved for USIU
2F C880
1
BFFF
FFFF
FFF
FFFF
0x
0x2F C000
0x30 0000
0x30 7F80
0x30 7FFF
0x30 7080
0x30 7480
0x30 7884
DPTRAM (6 Kbytes)
QSMCM (4 Kbytes)
MIOS1 (4 Kbytes)
TouCAN_A (1 Kbyte)
TouCAN_B (1 Kbyte)
UIMB Registers
(128 bytes)
TPU3_A (1 Kbyte)
TPU3_B (1 Kbyte)
QADC_A (1 Kbyte)
QADC_B (1 Kbyte)
DPTRAM Control
Reserved (8180 bytes)
Reserved (2 Kbytes)
0x30 2000
0x30 4000
0x30 5000
0x30 6000
Reserved (1920 bytes)
(12 bytes)
IMB3 Address Space
0x2F C800
0x2F C840
UIMB Interface &
(32 Kbytes)
IMB3 Modules
CMF Flash A
Reserved for Flash
Control
Reserved for IMB3
Reserved
SRAM A
256
0x07 0000
0x00 0000
0x06 FFFF
0x30 4400
0x30 4800
0x30 4C00
Kbyte
Kbytes
CMF Flash B
192
SR A M C o n t r o l B
0x 38 0008
( 8 b ytes)
(16 Kbytes)
SRAM B
0x04 0000
0x 3F C 000
(2.6 Mbytes - 16 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com