Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC555LFMZP40 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC555LFMZP40
Description  This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC555LFMZP40 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC555LFMZP40 Datasheet HTML 1Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 2Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 3Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 4Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 5Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 6Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 7Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 8Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document provides an overview of the
MPC555 microcontroller, including a block
diagram showing the major modular components and sections that list the major features. The
MPC555 member of the Motorola MPC500 RISC Microcontroller family.
1
Introduction
The MPC555 device offers the following features:
•
PowerPC™ core with floating-point unit
•
26 Kbytes fast RAM and 6 Kbytes TPU microcode RAM
•
448 Kbytes Flash EEPROM with 5-V programming
•
5-V I/O system
•
Serial system: queued serial multi-channel module (QSMCM), dual CAN 2.0B
controller
modules (TouCANTM)
•
50-channel timer system: dual time processor units (TPU3), modular I/O system
(MIOS1)
•
32 analog inputs: dual queued analog-to-digital converters (QADC64)
•
Submicron HCMOS (CDR1) technology
•
272-pin plastic ball grid array (PBGA) packaging
•
40-MHz operation, -40
°C to 125 °C with dual supply (3.3 V, 5 V) (-55 °C to 125 °C
for the suffix A device)
•
32-bit architecture (PowerPC ISA architecture compliant)
•
Core performance measured at 52.7-Kbyte Dhrystones (v2.1) @ 40 MHz
•
Fully static, low power operation
•
Integrated double-precision floating-point unit
•
Precise exception model
Table 1. MPC555 Features
Device
Flash
Code Compression
MPC555
448 Kbytes
Code compression not supported
Product Brief
MPC555PB/D
Rev. 3, 2/2003
MPC555 Product Brief


Similar Part No. - MPC555LFMZP40

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC555LFMVR40 FREESCALE-MPC555LFMVR40 Datasheet
342Kb / 12P
MPC555 Product Brief
More results

Similar Description - MPC555LFMZP40

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC12311CHN FREESCALE-MC12311CHN Datasheet
592Kb / 40P
This section provides a simplified block diagram and highlights MC12311 features
MCF5272VM66 FREESCALE-MCF5272VM66 Datasheet
331Kb / 12P
This document provides an overview of the MCF5272 microprocessor features, including the major functional components.
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
STMicroelectronics
AN4367 STMICROELECTRONICS-AN4367 Datasheet
379Kb / 13P
This document provides overview
02-Oct-2013
AN4417 STMICROELECTRONICS-AN4417 Datasheet
271Kb / 22P
This document provides an overview
19-Dec-2013
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
This document provides an introduction to the Tasking toolchain
24-Sep-2013
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
The purpose of this document
08-Feb-2006
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
This technical note is an overview of the main features
22-May-2014
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com