Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195D Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 90Page - STMicroelectronics ST92195D Datasheet HTML 91Page - STMicroelectronics ST92195D Datasheet HTML 92Page - STMicroelectronics ST92195D Datasheet HTML 93Page - STMicroelectronics ST92195D Datasheet HTML 94Page - STMicroelectronics ST92195D Datasheet HTML 95Page - STMicroelectronics ST92195D Datasheet HTML 96Page - STMicroelectronics ST92195D Datasheet HTML 97Page - STMicroelectronics ST92195D Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 249 page
background image
94/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
7.4 ON SCREEN DISPLAY (OSD)
7.4.1 Introduction
The OSD displays Teletext or other character data
and menus on a TV screen.
In serial mode, characters are coded on one byte.
The display is fully compliant with the WST Tele-
text level 1.5.
In parallel mode, characters are coded on two
bytes, one byte being the font address (character
code), the second byte being used for attribute
control, which can be combined with the serial at-
tribute capabilities. In this mode, the display meets
a significant part of the WST Teletext level 2 spec-
ification.
In order to save memory resources (reduce sys-
tem cost), two display modes are provided with ei-
ther a page mode display mode (teletext stan-
dard, 26 rows) or a line mode (up to 12 rows) for
non teletext specific menus.
The OSD is seen by the ST9 as a peripheral which
has registers mapped in the Paged Register
space.
The character codes to be displayed are taken
from the TDSRAM memory. They are addressed
by the display with the real time sequencer
through the TDSRAM interface character by char-
acter.
The font ROM contains 2 sets of 512 characters.
The standard European font contains all charac-
ters required to support Eastern and Western Eu-
ropean languages. Each character can be defined
by the user with the OSD Screen/Font Editor. All
fonts (except the G1 mosaic font) are fully defin-
able by masking the pixel ROM content.
Display is done under control of the ST9 CPU and
the vertical and horizontal TV synchro lines.
The OSD provides the Red, Green, Blue signals
and the Fast Blanking switching signal through
four analog outputs. The three Color outputs use a
3-level DAC which can generate half-intensity col-
ors in addition to the standard saturated colors.
The Display block diagram is shown on Figure 49
on page 96.
A smart pixel processing unit provides enhanced
features such as rounding or fringe for a better pic-
ture quality. Other smart functions such as true
Scrolling and cursor modes allow designing a high
quality display application.
7.4.2 General Features
s
Serial Character Mode supporting Teletext level
1.5
s
Parallel Character Mode for TV character
displays (for example channel selection or
volume control menus)
s
40 or 80 characters/row
s
Full Page Mode:
23 rows plus 1 Header and 2 Status Rows
s
Line Mode:
Up to 12 rows plus 1 Header and 2 Status Rows.
s
4/3 or 16/9 screen format
s
Synchronization to TV deflection, by Hsync and
Vsync or Csync.
s
Box Mode: Display text inside and outside box
solid, transparant or blank
s
Rounding and Fringing
s
Cursor Control
s
Concealing
s
Scrolling
s
Semi-transparent mode (text windowing inside
video picture)
s
Half-Tone mode (reduces video intensity inside
a box)
s
Normal character size 10 x 10 dots.
s
Other character sizes available as follows:
Both Serial and
Parallel Mode
Parallel Display Mode
only
SH x SW = 10 * 10 dots
SH x DW = 10 * 20 dots
DH x SW = 20 * 10 dots
DS=DH x DW = 20 * 20
dots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com