Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195D Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 6Page - STMicroelectronics ST92195D Datasheet HTML 7Page - STMicroelectronics ST92195D Datasheet HTML 8Page - STMicroelectronics ST92195D Datasheet HTML 9Page - STMicroelectronics ST92195D Datasheet HTML 10Page - STMicroelectronics ST92195D Datasheet HTML 11Page - STMicroelectronics ST92195D Datasheet HTML 12Page - STMicroelectronics ST92195D Datasheet HTML 13Page - STMicroelectronics ST92195D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 249 page
background image
10/249
ST92195C/D - GENERAL DESCRIPTION
INTRODUCTION (Cont’d)
Figure 1. ST92195C/D Block Diagram
I/O
PORT 0
I²C 2)
PWM
D/A CON-
VERTER
SPI
I/O
PORT 4
I/O
PORT 5
Up to 96
Kbytes ROM
DATA
SLICER
& ACQUI-
SITION
UNIT
SYNC.
EXTRAC-
TION
Up to 8
Kbytes
TDSRAM
TRI
256 or 512
bytes RAM
STANDARD
TIMER 1)
TIMING AND
CLOCK CTRL
16-BIT
TIMER/
WATCHDOG
VPS/WSS
DATA
SLICER
I/O
PORT 2
ADC
CVBS1
I/O
PORT 3
SYNC
CONTROL
VSYNC
HSYNC/CSYNC
ON
SCREEN
DISPLAY
FREQ.
MULTIP.
PXFM
NMI
INT[7:4]
INT2
256 bytes
Register File
ST9+ CORE
8/16-bit
CPU
Interrupt
Management
RCCU
OSCIN
OSCOUT
RESET
RESETO
P0[7:0]
WSCR
WSCF
CVBS2
R/G/B/FB
PWM[7:0]
SDO/SDI
SCK
INT0
STOUT0
MMU
MCFM
TXCF
TSLU
AIN[4:1]
EXTRG
P2[5:0]
P4[7:0]
P5[1:0]
P3[7:4]
CSO
HT
All alternate functions
(Italic characters) are mapped on Ports 0, 2, 3, 4 and 5
2
8
4
6
8
VOLTAGE
SYNTHESIS
VSO[2:1]
SDA1/SCL1
SDA2/SCL2
Note 1: One standard timer on ST92195C devices, two standard timers on ST92195D devices
Note 2: I²C available on ST92195D devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com