Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 139Page - STMicroelectronics ST92195C3 Datasheet HTML 140Page - STMicroelectronics ST92195C3 Datasheet HTML 141Page - STMicroelectronics ST92195C3 Datasheet HTML 142Page - STMicroelectronics ST92195C3 Datasheet HTML 143Page - STMicroelectronics ST92195C3 Datasheet HTML 144Page - STMicroelectronics ST92195C3 Datasheet HTML 145Page - STMicroelectronics ST92195C3 Datasheet HTML 146Page - STMicroelectronics ST92195C3 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 249 page
background image
143/249
ST92195C/D - SYNC CONTROLLER
SYNC CONTROLLER (Cont’d)
7.5.4.3 Free-Running Monitor Sync Mode
This mode is accessed when the MOD1 bit is set.
In this mode, the chassis HSYNC and VSYNC sig-
nals are not used. They are replaced by the sync
signals which are fully Crystal based (use of the in-
ternal main 4 MHz Clock).
Two free-running monitor modes are available:
when the MOD0 bit is reset the Composite Sync
output (CSO) is generated for a 60Hz format;
when the MOD0 bit is set to “1” the Composite
Sync output (CSO) is generated for a 50Hz format.
For both formats, the TV line period is 64µs.
The Composite Sync alternate function Output
(CSO) can be activated or disabled under control
of the VSEP bit.
In Free-Running Monitor Sync mode, the VPOL
control bit is used to control whether an interlaced
or non-interlaced TV context must be generated.
When the non-interlaced context is programmed,
only the “1st TV Field” configuration is generated.
Figure 85. Even/Odd Field Timings
n
d1
1st TV Field
2nd TV Field
623
624
625
12
34
5
6
311
312
313
314
315
316
317
318
319
622
d1
d2
523
524
525
12
34
5
6
522
(50 Hz Mode)
(60 Hz Mode)
310
d1
261
262
263
264
265
266
267
268
269
260
(50 Hz Mode)
(60 Hz Mode)
d2
d2 = 2.25 µs
d1 = 4.75 µs
VR02092C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com