Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 140Page - STMicroelectronics ST92195C3 Datasheet HTML 141Page - STMicroelectronics ST92195C3 Datasheet HTML 142Page - STMicroelectronics ST92195C3 Datasheet HTML 143Page - STMicroelectronics ST92195C3 Datasheet HTML 144Page - STMicroelectronics ST92195C3 Datasheet HTML 145Page - STMicroelectronics ST92195C3 Datasheet HTML 146Page - STMicroelectronics ST92195C3 Datasheet HTML 147Page - STMicroelectronics ST92195C3 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 249 page
background image
144/249
ST92195C/D - SYNC CONTROLLER
SYNC CONTROLLER (Cont’d)
7.5.5 Register Description
SYNC CONTROLLER CONTROL AND STATUS
REGISTER 0 (SCCS0R)
R242 - Read/Write
Register Page: 35
Reset value: 0000 0000 (00h)
Bit 7= VPOL.
VSYNC Polarity
When MOD[1:0] are reset, this bit configures the
polarity of the VSYNC input.
0: Negative polarity (leading edge is falling edge)
1: Positive polarity (leading edge is rising edge)
For other cases:
Bit 6= HPOL.
HSYNC/CSYNC Polarity.
0: Negative polarity (leading edge is falling edge)
1: Positive polarity (leading edge is rising edge)
Bit 5= VSEP.
Separate Sync
This bit selects either HSYNC/VSYNC or CSYNC
synchro controller mode. It is only valid when
MOD[1:0] are reset:
0: The standard mode using two inputs (VSYNC
and HSYNC) is activated.
1: The Composite Sync mode is activated; the
CSYNC input (on the same pin as HSYNC) will
be used to get both H and V signals.
For other cases:
Bit 4= VDLY.
Vertical Delay control bit.
This bit is active only if the Composite Sync mode
is enabled. The selection of this bit can effect
noise margin (longer delay is better) and the field
detection.
0: Vertical is generated after detecting a pulse
greater than 16µs
1: Vertical is generated after detecting a pulse
greater than 32µs
Bits 3:0= HSF.
Horizontal Shift for Field detection.
These 4 bits program the delay, in steps of 4µs
(50Hz) or 2µs (100Hz), applied to the HSYNC
pulse in order to properly determine the field infor-
mation by comparison with VSYNC. This value is a
chassis constant depending upon the way the sep-
arate H/V signals are generated.
0
VPOL
HPOL
VSEP
VDLY
HSF3
HSF2
HSF1
HSF0
MOD1
MOD0 VPOL
0
0
x
VSYNC polarity control
x
1
0
interlaced
x
1
1
non-interlaced
1
x
0
interlaced
1
x
1
non-interlaced
MOD1
MOD0
VSEP
CSO alternate function
0
0
x
disabled
x
1
0
disabled
x
1
1
enabled
1
x
0
disabled
1
x
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com