| Electronic Components Datasheet Search |
|
ST92195C3 Datasheet(PDF) 146 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195C3 Datasheet(HTML) 146 Page - STMicroelectronics |
|
146 / 249 page ![]() 146/249 ST92195C/D - SYNC EXTRACTOR 7.6 SYNC EXTRACTOR The Sync Extractor extracts the Sync pulses from the CVBS signal and determines the CVBS HSYNC and VSYNC signals. The CVBS HSYNC signal is fed to the VPS/WSS slicer and to the Teletext Slicing Unit to re-synchronize them at each TV line. The Sync Extractor Unit provides the CVBS VSYNC pulse to the Csync Controller unit which might use it for some standalone modes when the chassis time base is switched off (refer to the Sync Controller chapter for more details). 7.6.1 Time Windowing For Slicers A line counter counts the CVBS HSYNC pulses in order to open and close the proper windows within each field for slicing the Teletext (lines 6 to 22 for the first field, lines 318 to 335 for the second field), VPS (lines 15 to 17) or WSS (lines 22 to 24) data. The line counter is able to count a complete field before overflowing. An extended Teletext Search window can be pro- grammed by software through the TXTES bit of the Teletext Slicer Control register (TXSCR) (refer to the Teletext Slicing Unit chapter). The extended window starts at line 2 (first field) or line 315 (sec- ond field). 7.6.2 Field Detection To secure the slicing units functionality, a field de- tection is implemented. This field detection flag is updated at each beginning of field. In case a field start is missed, the field detection flag will keep toggling according to its previous value and the end of field predicted by the line counter (312 or 313 lines). 7.6.3 CVBS Amplitude Information The Sync Extractor unit provides information about the real time amplitude of the CVBS signal. This information is obtained by storing the peak value of the sync pulse referred to the black level. This analog voltage is bufferized and forwarded to the on-chip A/D Converter. 7.6.4 CVBS Signal Quality The quality of the CVBS Sync pulses is also checked by the Sync Extractor according to the following criteria: a TV line is declared “bad” if two or more HSYNC pulses are found within 64 µs, or if the HSYNC pulse is missing. Each time a “bad” TV line is detected, a “Bad TV line” pulse is for- warded to the Acquisition which is part of the Tele- text Slicing Unit. These pulses are counted only during the Vertical Blank Interval, providing a qual- ity criterion of the CVBS signal at the time the slic- ers treat it. For more details on the subject, refer to the Teletext Slicing. 7.6.5 Sync Extractor Switch Off When the VPS/WSS and Teletext slicers are switched off, the Sync Extractor automatically en- ters an idle state to prevent current consumption. Figure 86. Time Windowing for Slicers n CVBS1 SYNC Extractor Analog Front-End Digital Filtering Hcvbs (to Slicers, Sync. Controller, VPS/WSS PLL.) Vcvbs (to Slicers, Sync. Controller) Bad TV Line (to Acquisition Unit) Teletext Extended Search Window Teletext Search Window VPS Search Window VSS Search Window VDETB/VBGP (to A/D Converter, Channel 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |