Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 144Page - STMicroelectronics ST92195C3 Datasheet HTML 145Page - STMicroelectronics ST92195C3 Datasheet HTML 146Page - STMicroelectronics ST92195C3 Datasheet HTML 147Page - STMicroelectronics ST92195C3 Datasheet HTML 148Page - STMicroelectronics ST92195C3 Datasheet HTML 149Page - STMicroelectronics ST92195C3 Datasheet HTML 150Page - STMicroelectronics ST92195C3 Datasheet HTML 151Page - STMicroelectronics ST92195C3 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 249 page
background image
148/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
7.7.3 Teletext Slicer
The CVBS1 input voltage is 1Vpp +/- 6dB (i.e.
from 0.5Vpp to 2.0Vpp). The CVBS1 pin is AC
driven through a 470 nF capacitor.
Note: An indicator of Teletext Slicer quality criteri-
on is to have data error-free (or less than 3 errors
per page) for an eye height reduction down to
30%.
7.7.3.1 CVBS Amplitude Control
A video pre-amplifier treats the CVBS internal sig-
nal. Software should adjust the signal amplitude
for the most effective working range of the Data
Slicer while keeping an optimized signal/noise ra-
tio. The pre-amplifier gain is programmed through
two bits in the TXSCR register.
The composite video signal enters the Sync Ex-
tractor through the CVBS1 pin. The sync pulse’s
peak value (with reference to black level) is stored.
This signal's pulse amplitude (VDETB) is then fed
to channel 0 of the A/D converter. The conversion
result can then be used for programming the best
gain value of the video pre-amplifier. See Figure
87.
The theoretical gain calculation is the following:
– Assume A
text is the effective peak amplitude of
the Teletext data within the video signal (this
peak amplitude being referred to the black level
clamp),
– The effective working range of the Data Slicer is
equal to 1.2V
– Theoretical gain= 1.2/ A
text
Figure 88. CVBS1 Functional Description
n
VR02109D
TXTGC(1:0)
VDETB
CVBS1
G= -5
ADCSEL
PREAMP
VBGP
(digital part)
TO SYNC EXTRACTOR
TO TELETEXT SLICER
TO ADC
TO VPS SLICER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com