Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C5 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST92195C5
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C5 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST92195C5 Datasheet HTML 60Page - STMicroelectronics ST92195C5 Datasheet HTML 61Page - STMicroelectronics ST92195C5 Datasheet HTML 62Page - STMicroelectronics ST92195C5 Datasheet HTML 63Page - STMicroelectronics ST92195C5 Datasheet HTML 64Page - STMicroelectronics ST92195C5 Datasheet HTML 65Page - STMicroelectronics ST92195C5 Datasheet HTML 66Page - STMicroelectronics ST92195C5 Datasheet HTML 67Page - STMicroelectronics ST92195C5 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 249 page
background image
64/249
ST92195C/D - TIMING AND CLOCK CONTROLLER
5 TIMING AND CLOCK CONTROLLER
5.1 FREQUENCY MULTIPLIERS
Three on-chip frequency multipliers generate the
proper frequencies for: the Core/Real time Periph-
erals, the Display related time base and the Slicer
over-sampling clock for the Teletext Data slicer.
For both the Core and the Display frequency mul-
tipliers, a 4 bit programmable feed-back counter
allows the adjustment of the multiplying factor to
the application need (a 4 MHz or 8 MHz crystal is
assumed).
Figure 32. Timing and Clock Controller Block Diagram
Frequency
Multiplier
FML(3:0)
FMEN
Xtal
Oscillator
Asynch.
Handler
FMSL
Main Clock Controller
Divide
by 2
TXCF
MCFM
OSCIN
OSCOUT
Fimf
Divide
by 2
to CSYNC Controller,
SYNC Extractor, ..
SLDIV2
FMEN
Frequency
Multiplier
SLIEN
( x 777 )
48.56 MHz Clock
Divide
by 64
(Teletext SLicer)
Frequency
Multiplier
Skew Corrector
Synchronized DOTCK / 2 to Display
SKWL(3:0)
SKWEN
Hsync
SKHPLS
PXFM
(Synchronized DOTCK)
Divide
by 2
(2X Pixel clock for 1X width characters)
4 MHz real time Clock
Divide
by 2
to Teletext Display Storage RAM (TRI)
Div-2
MODER.5
SKDIV2
SKDIV2
VR02095A
Async.
Handler
Memory Wait
BREQ
WFI
CPUCLK
Prescaler
1 to 8
Clock
Control
INTCLK
ST9 Clock Control Unit (RCCU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com