Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST92195C5
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C5 Datasheet(HTML) 1 Page - STMicroelectronics

  ST92195C5 Datasheet HTML 1Page - STMicroelectronics ST92195C5 Datasheet HTML 2Page - STMicroelectronics ST92195C5 Datasheet HTML 3Page - STMicroelectronics ST92195C5 Datasheet HTML 4Page - STMicroelectronics ST92195C5 Datasheet HTML 5Page - STMicroelectronics ST92195C5 Datasheet HTML 6Page - STMicroelectronics ST92195C5 Datasheet HTML 7Page - STMicroelectronics ST92195C5 Datasheet HTML 8Page - STMicroelectronics ST92195C5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 249 page
background image
October 2003
1/249
ST92195C/D
48-96 Kbyte ROM HCMOS MCU WITH
ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
s
Register File based 8/16 bit Core Architecture
with RUN, WFI, SLOW and HALT modes
s
0°C to +70°C operating temperature range
s
Up to 24 MHz. operation @ 5V±10%
s
Min. instruction cycle time: 165ns at 24 MHz.
s
48, 56, 64, 84 or 96 Kbytes ROM
s
256 bytes RAM of Register file (accumulators or
index registers)
s
256 to 512 bytes of on-chip static RAM
s
2 or 8 Kbytes of TDSRAM (Teletext and Display
Storage RAM)
s
28 fully programmable I/O pins
s
Serial Peripheral Interface
s
Flexible Clock controller for OSD, Data Slicer
and Core clocks running from a single low
frequency external crystal.
s
Enhanced display controller with 26 rows of
40/80 characters
–2 sets of 512 characters
– Serial and Parallel attributes
– 10x10 dot matrix, definable by user
– 4/3 and 16/9 supported in 50/60Hz and 100/
120 Hz mode
– Rounding, fringe, double width, double height,
scrolling, cursor, full background color, half-
intensity color, translucency and half-tone
modes
s
Teletext unit, including Data Slicer, Acquisition
Unit and up to 8 Kbytes RAM for data storage
s
VPS and Wide Screen Signalling slicer
s
Integrated Sync Extractor and Sync Controller
s
14-bit Voltage Synthesis for tuning reference
voltage
s
Up to 6 external interrupts plus one Non-
Maskable Interrupt
s
8 x 8-bit programmable PWM outputs with 5V
open-drain or push-pull capability
s
16-bit watchdog timer with 8-bit prescaler
s
1 or 2 16-bit standard timer(s) with 8-bit
prescaler
s
I²C Master/Slave (on some devices)
s
4-channel A/D converter; 5-bit guaranteed
s
Rich instruction set and 14 addressing modes
s
Versatile
development
tools,
including
Assembler,
Linker,
C-compiler,
Archiver,
Source
Level
Debugger
and
hardware
emulators with Real-Time Operating System
available from third parties
s
Pin-compatible EPROM and OTP devices
available
Device Summary
Device
ROM
RAM
TDSRAM
I²C
Timer
ST92195C3
48K
256
2K
No
1
ST92195C4
512
6K
ST92195C5
8K
ST92195C6
56K
ST92195C7
64K
ST92195C8
84K
ST92195C9
96K
ST92195D5
48K
512
8K
Yes
2
ST92195D6
56K
ST92195D7
64K
TQFP64
PSDIP56
See end of Datasheet for ordering information
1


Similar Part No. - ST92195C5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92195 STMICROELECTRONICS-ST92195 Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST92195B1 STMICROELECTRONICS-ST92195B1 Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST92195B1B1 STMICROELECTRONICS-ST92195B1B1 Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST92195B1T1 STMICROELECTRONICS-ST92195B1T1 Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
More results

Similar Description - ST92195C5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
Feb-1997
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
May-1993
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.2
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
15-Mar-2000
ST92196A STMICROELECTRONICS-ST92196A Datasheet
2Mb / 268P
8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
27-Feb-2003
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
Monitor On-Screen Display Data Sheet
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com